Part Number Hot Search : 
TLUR4401 MIW1144 CAT24C00 61600 P6KE150G DTSPU50 74HCT40 EN25F10A
Product Description
Full Text Search
 

To Download HMC285 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v00.0700
MICROWAVE CORPORATION
HMC285
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Typical Applications
The HMC285 is ideal for: * PCS * W-CDMA * 2.4 GHz ISM * MMDS
Features
No External Components Required LO / RF Isolation: 30 dB Input IP3: +20 dBm Ultra Small SOT26 Package
Functional Diagram
General Description
The HMC285 is an ultra miniature single balanced mixer in an 6 lead plastic surface mount SOT26 package. This passive MMIC mixer is constructed of GaAs Schottky diodes and a novel planar transformer balun on the chip. The RF port is balanced via the MMIC balun while the LO port is connected directly to the diodes. The consistent MMIC performance will improve system operation without the need for external components. The SOT26 package is the smallest footprint available for a complete single-balanced mixer, 0.118" x 0.118" (3.0mm x 3.0mm).
12
MIXERS - SMT
Electrical Specifications, TA = +25 C, As a Function of IF Frequency
Parameter Min. Frequency Range, RF & LO Frequency Range, IF Conversion Loss Noise Figure (SSB) LO to RF Isolation LO to IF Isolation IP3 (Input) 1 dB Compression (Input) 20 11 17 7 LO = +10 dBm IF = 100 MHz Typ. 2 - 3.5 DC - 0.9 9 9 30 20 21 11 11 11 25 14 16 6 Max. Min. LO = +10 dBm IF = 400 MHz Typ. 1.7 - 2.8 DC - 0.9 9.5 9.5 35 20 20 10 11.5 11.5 Max. GHz GHz dB dB dB dB dBm dBm Units
12 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0700
MICROWAVE CORPORATION
HMC285
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Conversion Gain vs. Temperature @ LO = +10 dBm
0 -5 -10 -15 +25 C -20 -25 IF = 400 MHz -30 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz) +85 C -40 C
Isolation @ LO = +10 dBm
0 -10
RF/IF
CONVERSION GAIN (dB)
ISOLATION (dB)
-20 -30
LO/IF
-40
LO/RF
-50
IF = 400 MHz
-60 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
12
MIXERS - SMT
Conversion Gain vs. LO Drive
0 -5 -10 -15 -20 -25 +5 dBm -30 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz) IF = 400 MHz +7 dBm
Return Loss @ LO = +10 dBm
0 IF = 400 MHz
CONVERSION GAIN (dB)
-5
RETURN LOSS (dB)
+13 dBm
-10
-15 RF -20 LO -25 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
+10 dBm
Conversion Gain vs. IF Frequency
0 -5 -10 -15 IF = 400 MHz -20 IF = 100 MHz -25 -30 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz) IF = 800 MHz
IF Bandwidth @ LO = +10 dBm. Conversion Gain & Return Loss
CONVERSION GAIN & RETURN LOSS (dB)
0 IF Conv. Gain -5
CONVERSION GAIN (dB)
-10
-15 IF Return Loss -20
-25 0 0.5 1 1.5 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 109
MICROWAVE CORPORATION
v00.0700
HMC285
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Input IP3 vs. LO Drive
25 24 23 +13 dBm +10 dBm
Input IP3 vs. Temperature @ LO = +10 dBm
25 24 23 -40 C +25 C
INPUT IP3 (dBm)
INPUT IP3 (dBm)
22 21 20 19 18 17 16
22 21 20 19 18 17 +85 C
+7 dBm
16 15 2.5 2.75 3 1 1.25 1.5
12
MIXERS - SMT
15 1 1.25 1.5 1.75 2 2.25 FREQUENCY (GHz)
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
Input IP2 vs. LO Drive
70 +10 dBm 60
P1dB vs. Temperature @ LO = +10 dBm
15 14 13 -40 C
INPUT P1dB (dBm)
12 +25 C 11 10 9 8 7 +85 C
INPUT IP2 (dBm)
50
40 +13 dBm 30 +7 dBm 20 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 FREQUENCY (GHz)
6 5 1 1.3 1.5
1.8
2
2.2
2.5
2.7
3
FREQUENCY (GHz)
MxN Spurious Outputs
nLO mRF 0 1 2 3 4 0 xx 10 59 >110 >110 1 -12.4 0 60 87 >110 2 1 38 61 90 >110 3 1 23 43 80 >110 4 33 43 62
Harmonics of LO
nLO Spur at RF Port LO Frequency (GHz) 1.5 1.7 1.9 2.1 88 2.3 >110 2.5 36 30 18 21 32 32 48 50 1 42 39 39 47 2 17 16 15 16 3 47 41 37 35 4 47 44 44 45
RF = 2.6 GHz @ -10 dBm LO = 2.2 GHz @ +10 dBm All values in dBc relative to the IF
LO = +10 dBm Values in dBc below input LO level measured at the RF port
12 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0700
MICROWAVE CORPORATION
HMC285
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Absolute Maximum Ratings
RF / IF Input LO Drive Storage Temperature Operating Temperature +13 dBm +27 dBm -65 to +150 C -40 to +85 C
12
MIXERS - SMT
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Outline Drawing
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 111
v00.0700
MICROWAVE CORPORATION
HMC285
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Evaluation Board Layout
12
MIXERS - SMT
List of Materials
J1 - J3 U1 PCB * Circuit Board Material: 4350 PC Mount SMA Connector HMC285 Mixer 103065 Eval Board
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines should have 50 ohm impedance and the package ground leads should be connected directly to the ground plane similar to that shown above. The evaluation circuit board as shown is available from Hittite upon request.
12 - 112
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0700
MICROWAVE CORPORATION
HMC285
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Notes:
12
MIXERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 113


▲Up To Search▲   

 
Price & Availability of HMC285

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X